| Moteur de recherche de fiches techniques de composants électroniques |
|
X6966M Fiches technique(PDF) 6 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
X6966M Fiches technique(HTML) 6 Page - EPCOS |
|
6 / 6 page ![]() 6 Mar 31, 2006 SAW Components X 6966 M 36,125 MHz Bandpass Filter Data Sheet Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE MM PD P.O. Box 80 17 09, D-81617 München © EPCOS AG 2001. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for compo- nents per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices. |