Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X6855D Fiches technique(PDF) 6 Page - EPCOS

No de pièce X6855D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

X6855D Fiches technique(HTML) 6 Page - EPCOS

  X6855D Datasheet HTML 1Page - EPCOS X6855D Datasheet HTML 2Page - EPCOS X6855D Datasheet HTML 3Page - EPCOS X6855D Datasheet HTML 4Page - EPCOS X6855D Datasheet HTML 5Page - EPCOS X6855D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Jun 22, 2005
SAW Components
X 6855 D
44,00 MHz
Bandpass Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE MM PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2005. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6