| Moteur de recherche de fiches techniques de composants électroniques |
|
B82732-R2901-B30 Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B82732-R2901-B30 Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 5 page ![]() 369 04/00 Rated voltage 250 Vac Rated current 0,35 to 4,6 A Rated inductance 3,3 to 100 mH Construction s Current-compensated double choke with closed, rectangular ferrite core s Closed polycarbonate coil former with 4 sections s Without encapsulation s 2-section winding s Creepage distances and clearances > 3 mm Features s Coil former flame-retardant as per UL 94 V-0 s Recycleable owing to omission of encapsulation and glue s High resonance frequency due to 2-section winding s Low leakage due to closed core shape s High pulse strength s Low whirring noise s Approx. 1 % stray inductance for symmetrical interference suppression Applications s Electronic ballasts for lamps s Switch-mode power supplies for TV sets Terminals s Tinned s Pins fitting standard PCB grid Marking Ordering code, rated current, rated inductance, mark of conformity, manufacturer, date of manufacture, marking for B82731-H: manufacturer, ordering code Approvals Approval marks Standards EN 60938-2 UL 1283 B82731 Chokes for Power Lines … B82734 D Core Chokes Jump to preceding page |
Numéro de pièce similaire - B82732-R2901-B30 |
|
Description similaire - B82732-R2901-B30 |