| Moteur de recherche de fiches techniques de composants électroniques |
|
B65671-W-R30 Fiches technique(PDF) 5 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65671-W-R30 Fiches technique(HTML) 5 Page - EPCOS |
|
5 / 6 page ![]() 346 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw 1) Core P 26 × 16 Adjusting screw Min. adjusting range % Ordering code Tube core Material AL value nH ∅ × length mm Material Color code N 48 250 315 4,55 × 6,3 N 22 red 16 13 B65679-E3-X22 315 400 4,98 × 6,3 N 22 black 23 18 B65679-E2-X22 630 800 5,15 × 6,3 N 22 white 16 14 B65679-E1-X22 Adjusting screw B63399-B1 Handle B63399-B5 1) Due to the limited distance between adjusting screw and internal borehole, the entire assembly must be accurately centered. B63399 B65679 Accessories P 26 × 16 |