Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65611-W-R30 Fiches technique(PDF) 5 Page - EPCOS

No de pièce B65611-W-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65611-W-R30 Fiches technique(HTML) 5 Page - EPCOS

  B65611-W-R30 Datasheet HTML 1Page - EPCOS B65611-W-R30 Datasheet HTML 2Page - EPCOS B65611-W-R30 Datasheet HTML 3Page - EPCOS B65611-W-R30 Datasheet HTML 4Page - EPCOS B65611-W-R30 Datasheet HTML 5Page - EPCOS B65611-W-R30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
356 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw 1)
Core P 36
× 22
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Material
Color
code
N 48
250
400
4,55
× 6,3
N 22
red
15
8
B65679-E3-X22
400
630
4,98
× 6,3
N 22
black
15
10
B65679-E2-X22
630
1000
5,15
× 6,3
N 22
white
14
8
B65679-E1-X22
Adjusting screwdriver
B63399-B1
Handle
B63399-B5
1) Due to the limited distance between adjusting screw and internal borehole, the entire assembly must be accurately
centered.
B63399
B65679
Accessories
P 36
× 22



Html Pages

1 2 3 4 5 6