| Moteur de recherche de fiches techniques de composants électroniques |
|
B65541-W-R87 Fiches technique(PDF) 5 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65541-W-R87 Fiches technique(HTML) 5 Page - EPCOS |
|
5 / 6 page ![]() 332 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw a b Core P 14 × 8 Adjusting screw Min. adjusting range % Ordering code Tube core Material AL value nH Fig. ∅ × length mm Material Color code M 33 40 a 2,6 × 2,0 Si 1 green 15 B65549-E3-X101 N 48 160 250 315 400 b 2,76 × 2,9 N 22 black 20 12 11 6 B65549-E4-X23 Adjusting screwdriver B63399-B4 Handle B63399-B5 B63399 B65549 Accessories P 14 × 8 |