Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65541-W-R30 Fiches technique(PDF) 5 Page - EPCOS

No de pièce B65541-W-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65541-W-R30 Fiches technique(HTML) 5 Page - EPCOS

  B65541-W-R30 Datasheet HTML 1Page - EPCOS B65541-W-R30 Datasheet HTML 2Page - EPCOS B65541-W-R30 Datasheet HTML 3Page - EPCOS B65541-W-R30 Datasheet HTML 4Page - EPCOS B65541-W-R30 Datasheet HTML 5Page - EPCOS B65541-W-R30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
332 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
a
b
Core P 14
× 8
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
Fig.
∅ × length
mm
Material Color
code
M 33
40
a
2,6
× 2,0
Si 1
green
15
B65549-E3-X101
N 48
160
250
315
400
b
2,76
× 2,9
N 22
black
20
12
11
6
B65549-E4-X23
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B63399
B65549
Accessories
P 14
× 8



Html Pages

1 2 3 4 5 6