Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP7662 Fiches technique(PDF) 11 Page - Sipex Corporation

No de pièce SP7662
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Fiches technique(HTML) 11 Page - Sipex Corporation

Back Button SP7662 Datasheet HTML 3Page - Sipex Corporation SP7662 Datasheet HTML 4Page - Sipex Corporation SP7662 Datasheet HTML 5Page - Sipex Corporation SP7662 Datasheet HTML 6Page - Sipex Corporation SP7662 Datasheet HTML 7Page - Sipex Corporation SP7662 Datasheet HTML 8Page - Sipex Corporation SP7662 Datasheet HTML 9Page - Sipex Corporation SP7662 Datasheet HTML 10Page - Sipex Corporation SP7662 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Feb21-07
SP7662 Evaluation Manual
©2007 Sipex Corporation
Page 11 of 11
Table 1: SP7662EB Suggested Components and Vendor Lists
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7662EB…................................-40
°C to +85°C...............…………….SP7662 Evaluation Board
SP7662ER..............................…. -40
°C to +85°C...................................……26-pin DFN(option2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11