Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP7120 Fiches technique(PDF) 2 Page - Sipex Corporation

No de pièce SP7120
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7120 Fiches technique(HTML) 2 Page - Sipex Corporation

  SP7120 Datasheet HTML 1Page - Sipex Corporation SP7120 Datasheet HTML 2Page - Sipex Corporation SP7120 Datasheet HTML 3Page - Sipex Corporation SP7120 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
July9-07
SP7120-22 Evaluation Board Manual
© 2007 Sipex Corporation
Page - 2 -
SP7122 Eval Board Schematic
_______________________________________________ USING THE EVALUATION BOARD
1) Powering Up the SP7120 or the SP7122 Circuit
The Evaluation Board can be powered from inputs ranging from 2.7 to 5.5Vin. All that is required
is to populate the LED location with desired LED and connect the source voltage to Vin and
GND. There is a jumper located on the PCB. The jumper needs to be set between center pin
and Vin to activate the part. If the jumper is left unpopulated the driver will be off due to the pull
down resistor on the enable pin.
For typical test results please refer to the data sheet.
_________________________________________________ EVALUATION BOARD LAYOUT
TOP Side SP7120
TOP Side SP7122
TOP Side SP7122
TOP Side SP7122



Html Pages

1 2 3 4