Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF5146 Fiches technique(PDF) 16 Page - RF Micro Devices

No de pièce RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Fiches technique(HTML) 16 Page - RF Micro Devices

Back Button RF5146 Datasheet HTML 10Page - RF Micro Devices RF5146 Datasheet HTML 11Page - RF Micro Devices RF5146 Datasheet HTML 12Page - RF Micro Devices RF5146 Datasheet HTML 13Page - RF Micro Devices RF5146 Datasheet HTML 14Page - RF Micro Devices RF5146 Datasheet HTML 15Page - RF Micro Devices RF5146 Datasheet HTML 16Page - RF Micro Devices RF5146 Datasheet HTML 17Page - RF Micro Devices RF5146 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
2-506
RF5146
Rev A1 050928
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is
3
μinch to 8μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
A = 0.64 x 0.28 (mm) Typ.
B = 0.28 x 0.64 (mm) Typ.
C = 5.65 (mm) Sq.
Dimensions in mm.
Pin 36
Pin 24
Pin 48
Pin 1
C
B B B B B B B B B B B B
B B B B B B B B B B B B
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0.50 Typ.
0.50 Typ.
0.55 Typ.
0.55 Typ.
5.50 Typ.
2.75
5.50 Typ.
2.75
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18