| Moteur de recherche de fiches techniques de composants électroniques |
|
SP7680EB Fiches technique(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7680EB Fiches technique(HTML) 12 Page - Sipex Corporation |
|
12 / 16 page ![]() June 21-07 revH SP7680: Complete Backlight Solution 2007 Sipex Corporation Page 12 MAIN, SUB and AUX registers In the MAIN, SUB and AUX registers bits B7, B6, B5, B4, B3 and B2 represent the DAC codes D5-D0 used to set the LED current in the MAIN, SUB and AUX channels. Bits B1 and B0 are don’t care. The following table lists the DAC codes and the corresponding current for each channel in mA; the table appears below and continues on the right column. Addressing and Writing Data to the SP7680 To write data to the SP7680 the following data cycle must be obeyed: [ Slave Address with write bit][Data for STATUS][Data for CNTRL][Data for MAIN][Data for SUB][Data for AUX] Six bytes are communicated each data cycle. All the settings will take effect right after the acknowledgement bit of the current data byte. B7…B2 Main Sub Aux 010001 8.5 8.5 17.0 010010 9.0 9.0 18.0 010011 9.5 9.5 19.0 010100 10.0 10.0 20.0 010101 10.5 10.5 21.0 010110 11.0 11.0 22.0 010111 11.5 11.5 23.0 011000 12.0 12.0 24.0 011001 12.5 12.5 25.0 011010 13.0 13.0 26.0 011011 13.5 13.5 27.0 011100 14.0 14.0 28.0 011101 14.5 14.5 29.0 011110 15.0 15.0 30.0 011111 15.5 15.5 31.0 100000 16.0 16.0 32.0 100001 16.5 16.5 33.0 100010 17.0 17.0 34.0 100011 17.5 17.5 35.0 100100 18.0 18.0 36.0 100101 18.5 18.5 37.0 100110 19.0 19.0 38.0 100111 19.5 19.5 39.0 101000 20.0 20.0 40.0 101001 20.5 20.5 41.0 101010 21.0 21.0 42.0 101011 21.5 21.5 43.0 101100 22.0 22.0 44.0 101101 22.5 22.5 45.0 101110 23.0 23.0 46.0 101111 23.5 23.5 47.0 110000 24.0 24.0 48.0 110001 24.5 24.5 49.0 110010 25.0 25.0 50.0 110011 25.5 25.5 51.0 110100 26.0 26.0 52.0 110101 26.5 26.5 53.0 110110 27.0 27.0 54.0 110111 27.5 27.5 55.0 111000 28.0 28.0 56.0 111001 28.5 28.5 57.0 111010 29.0 29.0 58.0 111011 29.5 29.5 59.0 111100 30.0 30.0 60.0 111101 30.5 30.5 61.0 111110 31.0 31.0 62.0 111111 31.5 31.5 63.0 B7…B2 Main Sub Aux 000000 0 0 0 000001 0.031 0.031 0.031 000010 1.0 1.0 2.0 000011 1.5 1.5 3.0 000100 2.0 2.0 4.0 000101 2.5 2.5 5.0 000110 3.0 3.0 6.0 000111 3.5 3.5 7.0 001000 4.0 4.0 8.0 001001 4.5 4.5 9.0 001010 5.0 5.0 10.0 001011 5.5 5.5 11.0 001100 6.0 6.0 12.0 001101 6.5 6.5 13.0 001110 7.0 7.0 14.0 001111 7.5 7.5 15.0 010000 8.0 8.0 16.0 APPLICATIONS INFORMATION |