| Moteur de recherche de fiches techniques de composants électroniques |
|
SP7661ERL/TR Fiches technique(PDF) 5 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7661ERL/TR Fiches technique(HTML) 5 Page - Sipex Corporation |
|
5 / 20 page ![]() 5 Mar -07 Rev N SP766 Wide Input Voltage Range 3A, 600kHz Buck Regulator © 2007 Sipex Corporation PIN DESCRIPTION Pin # Pin Name Description 1-4 PGND Groundconnectionforthesynchronousrectifier. 5,9, 19,20 GND GroundPin.ThecontrolcircuitryoftheICandlowerpowerdriverarereferencedtothis pin.Returnseparatelyfromothergroundtracestothe(-)terminalofCOut. 6 VFB FeedbackVoltageandShortCircuitDetectionpin.Itistheinvertinginputofthe Error Amplifier and serves as the output voltage feedback point for the Buck Converter.Theoutputvoltageissensedandcanbeadjustedthroughanexternal resistordivider.WheneverVFBdrops0.25Vbelowthepositivereference,ashort circuitfaultisdetectedandtheICentershiccupmode. 7 COMP OutputoftheErrorAmplifier.Itisinternallyconnectedtotheinvertinginputofthe PWMcomparator.Anoptimalfiltercombinationischosenandconnectedtothis pinandeithergroundorVFBtostabilizethevoltagemodeloop. 8 SS SoftStart.ConnectanexternalcapacitorbetweenSSandGNDtosetthesoftstart ratebasedonthe10µAsourcecurrent.TheSSpinisheldlowviaa1mA(min) currentduringallfaultconditions. 0 ISN Currentsensenegativeinput.Rail-to-railinputforovercurrentdetection. ISP Currentsensepositiveinput.Rail-to-railinputforovercurrentdetection. 2 SWN LowersupplyrailfortheGHhigh-sidegatedriver.Connectthispintotheswitching nodeascloseaspossibletopins23-27.Donotconnectthispintopins14–16. 3 VINP InputconnectiontothehighsideN-channelMOSFET. 14-16, 23-26 LX ConnectaninductorbetweenthispinandVOut. 7 BST Highsidedriversupplypin.ConnectBSTtotheexternalboostdiodeandcapacitor as shown in the TypicalApplication Circuit on page 1.The high side driver is connectedbetweenBSTpinandSWNpin. 18 VIN ViNconnectionforinternalLDOandPWMController. 2 UVIN UVLOinputforViNvoltage.ConnectaresistordividerbetweenViNandUVIN tosetminimumoperatingvoltage.Useresistorvaluesbelow20kΩtooverride internalresistordivider. 22 VCC Outputofinternalregulator.MaybeexterinallybiasedifVin<5V. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 BOTTOM VIEW Heatsink Pad 1 Connect to Lx Heatsink Pad 2 Connect to GND Heatsink Pad 3 Connect to VINP PGND PGND GND VFB COMP UVIN SWN VIN LX LX LX LX VCC BST LX LX LX DFN PACKAGE 7mm x 4mm (Option 2) SP7661 PGND VINP SS ISN ISP PGND GND GND GND Pin 27 Pin 28 Pin 29 |