Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

35MMFT Fiches technique(PDF) 1 Page - Infinite Electronics International, Inc.

No de pièce 35MMFT
Description  3.5MM FIELD TERM, SINGLE PORT F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  L-COM [Infinite Electronics International, Inc.]
Site Internet  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

35MMFT Fiches technique(HTML) 1 Page - Infinite Electronics International, Inc.

  35MMFT Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.34
8.6
.06
1.6
.96
24.5
ADHESIVE LABEL,
MARK AS SHOWN
CENTER
RING
SHELL
.54
13.8
CENTER
RING
SHELL
.246
6.25
NOTES:
MATERIAL:
JACK:
HOUSING: THERMOPLASTIC
THREADED BUSHING AND DRESS NUT: BRASS
CONTACTS: COPPER ALLOY
TERMINAL BLOCK:
HOUSING: THERMOPLASTIC
TERMINALS AND CAGE CLAMP: COPPER ALLOY
SCREWS: STEEL
PCB: FR4
FINISH:
JACK:
THREADED BUSHING: TIN PLATE
DRESS NUT: ZINC PLATE
CONTACTS: TIN PLATE
TERMINAL BLOCK:
TERMINALS: TIN OVER NICKEL PLATE
CAGE CLAMP: NICKEL PLATE
SCREWS: ZINC PLATE
MISCELLANEOUS:
3 POSITION TERMINAL BLOCK ACCEPTS 16-30AWG WIRE.
ASSEMBLY TO BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
PANEL MOUNT DIAMETER: .246
PANEL THICKNESS: .06 MAX.
RoHS Compliant 
PANEL MOUNT
CUTOUT
C
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
35MMFT
C
35MMFT.SLDDRW
1
1
D. PARHAM
8/3/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. MCNEIL
8/3/10
8/4/10
A
B
INITIAL RELEASE
ECN 5046: ADDED PANEL MOUNT AND MAX PANEL NOTES
9/23/10
D.GRIFFIN
D.FRISIELLO
C
ECN 5246: ADDED NOTE: 3 POSITION TERM BLOCK ACCEPTS 16-30AWG WIRE 1/7/11
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
3.5MM FIELD TERM, SINGLE PORT F
AUDIO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
8/3/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Numéro de pièce similaire - 35MMFT

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
35MMF-2RCAM L-COM-35MMF-2RCAM Datasheet
76Kb / 1P
3.5mm STEREO F/DUAL RCA M ADPT CBL
02/26/2020
35MMF-2RCAM L-COM-35MMF-2RCAM_V01 Datasheet
76Kb / 1P
3.5mm STEREO F/DUAL RCA M ADPT CBL
02/26/2020
More results

Description similaire - 35MMFT

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P310-000 TRIPPLITE-P310-000 Datasheet
162Kb / 2P
3.5mm Mini Stereo Audio Coupler (F/F)
logo
HARTING Technology Grou...
09-33-016-2725 HARTING-09-33-016-2725 Datasheet
496Kb / 2P
Han ES 16 Pos. F Insert Cage Clamp Term
09-21-064-4712 HARTING-09-21-064-4712 Datasheet
540Kb / 2P
Han D 64 Pos. F Insert Term. Block Right
09-21-064-4711 HARTING-09-21-064-4711 Datasheet
508Kb / 2P
Han D 64 Pos. F Insert Term. Block Right
09-21-064-4702 HARTING-09-21-064-4702 Datasheet
501Kb / 2P
Han D 64 Pos. F Insert Term. Block Left
09-21-064-4701 HARTING-09-21-064-4701 Datasheet
502Kb / 2P
Han D 64 Pos. F Insert Term. Block Left
09-21-040-4702 HARTING-09-21-040-4702 Datasheet
496Kb / 2P
Han D 40 Pos. F Insert Term. Block Left
09-21-040-4701 HARTING-09-21-040-4701 Datasheet
492Kb / 2P
Han D 40 Pos. F Insert Term. Block Left
logo
List of Unclassifed Man...
15304714 ETC-15304714 Datasheet
61Kb / 1P
TAXI TERM F GT 280 SEALED
07-JUN-07
DELPHI_02062018 ETC-DELPHI_02062018 Datasheet
116Kb / 1P
TAXI TERM F M/P 150 TANG
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com