Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP7120AEK-L/TR Fiches technique(PDF) 13 Page - Sipex Corporation

No de pièce SP7120AEK-L/TR
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7120AEK-L/TR Fiches technique(HTML) 13 Page - Sipex Corporation

Back Button SP7120AEK-L/TR Datasheet HTML 9Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 10Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 11Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 12Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 13Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 14Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 15Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 16Page - Sipex Corporation SP7120AEK-L/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
13
TYPICAL PERFORMANCE SP7122B
The quiescent current is part of the total output current
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17