Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP6334 Fiches technique(PDF) 8 Page - Sipex Corporation

No de pièce SP6334
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6334 Fiches technique(HTML) 8 Page - Sipex Corporation

Back Button SP6334 Datasheet HTML 4Page - Sipex Corporation SP6334 Datasheet HTML 5Page - Sipex Corporation SP6334 Datasheet HTML 6Page - Sipex Corporation SP6334 Datasheet HTML 7Page - Sipex Corporation SP6334 Datasheet HTML 8Page - Sipex Corporation SP6334 Datasheet HTML 9Page - Sipex Corporation SP6334 Datasheet HTML 10Page - Sipex Corporation SP6334 Datasheet HTML 11Page - Sipex Corporation SP6334 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
8
V1
RSTB
ResetB Timeout Delay
APPLICATION INFORMATION
V1
RSTB
WDI = GND, V1=V2=V3=V4=5V,
MRIB = open.
Watchdog Timeout Period = 1.52S
Watchdog Timeout Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13