| Moteur de recherche de fiches techniques de composants électroniques |
|
SP3203EEY/TR Fiches technique(PDF) 16 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3203EEY/TR Fiches technique(HTML) 16 Page - Sipex Corporation |
|
16 / 16 page ![]() Date: 03/30/05 SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD © Copyright 2005 Sipex Corporation 16 Model Temperature Range Package Types SP3203ECY 0°C to +70°C 20-pin TSSOP SP3203ECY/TR 0°C to +70°C 20-pin TSSOP SP3203EEY -40°C to +85°C 20-pin TSSOP SP3203EEY/TR -40°C to +85°C 20-pin TSSOP ORDERING INFORMATION Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Corporation ANALOG EXCELLENCE Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Available in lead free packaging. To order add "-L" suffix to part number. Example: SP3203EEY/TR = standard; SP3203EEY-L/TR = lead free TR = Tape and Reel Pack quantity is 1500 for TSSOP. CLICK HERE TO ORDER SAMPLES |