Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP800LCP Fiches technique(PDF) 24 Page - Sipex Corporation

No de pièce SP800LCP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP800LCP Fiches technique(HTML) 24 Page - Sipex Corporation

Back Button SP800LCP Datasheet HTML 16Page - Sipex Corporation SP800LCP Datasheet HTML 17Page - Sipex Corporation SP800LCP Datasheet HTML 18Page - Sipex Corporation SP800LCP Datasheet HTML 19Page - Sipex Corporation SP800LCP Datasheet HTML 20Page - Sipex Corporation SP800LCP Datasheet HTML 21Page - Sipex Corporation SP800LCP Datasheet HTML 22Page - Sipex Corporation SP800LCP Datasheet HTML 23Page - Sipex Corporation SP800LCP Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
24
Part Number
Temperature Range
Package Type
SP800LCP ............................................... 0OC to +70OC ............................................ 16-Pin PDIP
SP800LCN ............................................... 0OC to +70OC ......................................... 16-Pin NSOIC
SP800LCN/TR ......................................... 0OC to +70OC ......................................... 16-Pin NSOIC
SP800LCT ................................................ 0OC to +70OC ........................................ 16-Pin WSOIC
SP800LCT/TR .......................................... 0OC to +70OC ........................................ 16-Pin WSOIC
SP800LEP ............................................. -40OC to +85OC .......................................... 16-Pin PDIP
SP800LEN ............................................. -40OC to +85OC ....................................... 16-Pin NSOIC
SP800LEN/TR ....................................... -40OC to +85OC ....................................... 16-Pin NSOIC
SP800LET .............................................. -40OC to +85OC ...................................... 16-Pin WSOIC
SP800LET/TR ........................................ -40OC to +85OC ...................................... 16-Pin WSOIC
SP800MCP .............................................. 0OC to +70OC ............................................ 16-Pin PDIP
SP800MCN .............................................. 0OC to +70OC ......................................... 16-Pin NSOIC
SP800MCN/TR ........................................ 0OC to +70OC ......................................... 16-Pin NSOIC
SP800MCT ............................................... 0OC to +70OC ........................................ 16-Pin WSOIC
SP800MCT/TR ......................................... 0OC to +70OC ........................................ 16-Pin WSOIC
SP800MEP ............................................. -40OC to +85OC .......................................... 16-Pin PDIP
SP800MEN ............................................ -40OC to +85OC ....................................... 16-Pin NSOIC
SP800MEN/TR ....................................... -40OC to +85OC ....................................... 16-Pin NSOIC
SP800MET ............................................. -40OC to +85OC ...................................... 16-Pin WSOIC
SP800MET/TR ....................................... -40OC to +85OC ...................................... 16-Pin WSOIC
ORDERING INFORMATION
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP800MEN/TR = standard; SP800MEN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2500 for NSOIC and WSOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24