| Moteur de recherche de fiches techniques de composants électroniques |
|
SP802LEP Fiches technique(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP802LEP Fiches technique(HTML) 14 Page - Sipex Corporation |
|
14 / 16 page ![]() Date: 11/29/04 SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over © Copyright 2004 Sipex Corporation 14 INDEX AREA b N 1 23 N/2 c D1 eA eB E SYMBOL MIN NOM MAX A- - 0.21 A1 0.15 - - A2 0.115 0.13 0.195 b 0.014 0.018 0.022 b2 0.045 0.06 0.07 b3 0.3 0.039 0.045 c 0.008 0.01 0.014 D 0.355 0.365 0.4 D1 0.005 - - E 0.3 0.31 0.325 E1 0.24 0.25 0.28 e eA eB - - 0.43 L 0.115 0.13 0.15 Note: Dimensions in (mm) .100 BSC .300 BSC 8 PIN PDIP JEDEC MS-001 (BA) Variation E E1 D A L A2 A1 b b2 e b3 c PACKAGE: 8 PIN PDIP |