| Moteur de recherche de fiches techniques de composants électroniques |
|
SP693ACN Fiches technique(PDF) 24 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP693ACN Fiches technique(HTML) 24 Page - Sipex Corporation |
|
24 / 24 page ![]() Date: 4/18/05 SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation 24 Part Number Temperature Range Package Type SP800LCP ............................................... 0OC to +70OC ............................................ 16-Pin PDIP SP800LCN ............................................... 0OC to +70OC ......................................... 16-Pin NSOIC SP800LCN/TR ......................................... 0OC to +70OC ......................................... 16-Pin NSOIC SP800LCT ................................................ 0OC to +70OC ........................................ 16-Pin WSOIC SP800LCT/TR .......................................... 0OC to +70OC ........................................ 16-Pin WSOIC SP800LEP ............................................. -40OC to +85OC .......................................... 16-Pin PDIP SP800LEN ............................................. -40OC to +85OC ....................................... 16-Pin NSOIC SP800LEN/TR ....................................... -40OC to +85OC ....................................... 16-Pin NSOIC SP800LET .............................................. -40OC to +85OC ...................................... 16-Pin WSOIC SP800LET/TR ........................................ -40OC to +85OC ...................................... 16-Pin WSOIC SP800MCP .............................................. 0OC to +70OC ............................................ 16-Pin PDIP SP800MCN .............................................. 0OC to +70OC ......................................... 16-Pin NSOIC SP800MCN/TR ........................................ 0OC to +70OC ......................................... 16-Pin NSOIC SP800MCT ............................................... 0OC to +70OC ........................................ 16-Pin WSOIC SP800MCT/TR ......................................... 0OC to +70OC ........................................ 16-Pin WSOIC SP800MEP ............................................. -40OC to +85OC .......................................... 16-Pin PDIP SP800MEN ............................................ -40OC to +85OC ....................................... 16-Pin NSOIC SP800MEN/TR ....................................... -40OC to +85OC ....................................... 16-Pin NSOIC SP800MET ............................................. -40OC to +85OC ...................................... 16-Pin WSOIC SP800MET/TR ....................................... -40OC to +85OC ...................................... 16-Pin WSOIC ORDERING INFORMATION Corporation ANALOG EXCELLENCE Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Available in lead free packaging. To order add “-L” suffix to part number. Example: SP800MEN/TR = standard; SP800MEN-L/TR = lead free /TR = Tape and Reel Pack quantity is 2500 for NSOIC and WSOIC. |