| Moteur de recherche de fiches techniques de composants électroniques |
|
SP211CA/TR Fiches technique(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP211CA/TR Fiches technique(HTML) 14 Page - Sipex Corporation |
|
14 / 16 page ![]() Date:05/26/2005 +5V High-Speed RS232 Transceivers © Copyright 2005 Sipex Corporation 14 RS-232 Transceivers: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP207CA .......... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP SP207CA/TR .... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP SP207CP .......... 5 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin PDIP SP207CT .......... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC SP207CT/TR .... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC SP207EA .......... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP SP207EA/TR .... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP SP207EP .......... 5 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin PDIP SP207ET .......... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC SP207ET/TR .... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC SP208CA .......... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP SP208CA/TR .... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP SP208CP .......... 4 ............................. 4 ................................ 0°C to +70°C ............................... 24–pin PDIP SP208CT .......... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC SP208CT/TR .... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC SP208EA .......... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP SP208EA/TR .... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP SP208EP .......... 4 ............................. 4 ............................ –40°C to +85°C ............................... 24–pin PDIP SP208ET .......... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC SP208ET/TR .... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC RS-232 Transmitters: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP204CP .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin PDIP SP204CT .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC SP204CT/TR .... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC SP204EP .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin PDIP SP204ET .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC SP204ET/TR .... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC RS-232 Transmitters with Low–Power Shutdown: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP200CP .......... 5 ............................. 0 ................................ 0°C to +70°C ............................... 20–pin PDIP SP200CT .......... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC SP200CT/TR .... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC SP200EP .......... 5 ............................. 0 ............................ –40°C to +85°C ............................... 20–pin PDIP SP200ET .......... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC SP200ET/TR .... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC ORDERING INFORMATION /TR = Tape and Reel Pack quantity is 1,500 for SSOP, WSIOC. Available in lead free packaging. To order add "-L" suffix to part number. Example: SP200ET/TR = standard; SP200ET-L/TR = lead free |