Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF1450 Fiches technique(PDF) 5 Page - RF Micro Devices

No de pièce RF1450
Description  RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1450 Fiches technique(HTML) 5 Page - RF Micro Devices

  RF1450 Datasheet HTML 1Page - RF Micro Devices RF1450 Datasheet HTML 2Page - RF Micro Devices RF1450 Datasheet HTML 3Page - RF Micro Devices RF1450 Datasheet HTML 4Page - RF Micro Devices RF1450 Datasheet HTML 5Page - RF Micro Devices RF1450 Datasheet HTML 6Page - RF Micro Devices RF1450 Datasheet HTML 7Page - RF Micro Devices RF1450 Datasheet HTML 8Page - RF Micro Devices RF1450 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF1450
Rev A0 DS070531
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Package Drawing
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
GND
VDD
CTRL2
CTRL1
GND
ANT
GND
GND
Dimensions in mm.
Shaded lead is pin 1.
Pin 1
3.000±
0.050
0.203±
0.013 TYP.
0.850±
0.050
0.230±
0.050 TYP
0.375±
0.050 TYP
1.700±
0.150
2 PL
1.500
REF
0.500 TYP
3.000±
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12