Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT8000IP Fiches technique(PDF) 13 Page - Exar Corporation

No de pièce XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Fiches technique(HTML) 13 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 9Page - Exar Corporation XRT8000IP Datasheet HTML 10Page - Exar Corporation XRT8000IP Datasheet HTML 11Page - Exar Corporation XRT8000IP Datasheet HTML 12Page - Exar Corporation XRT8000IP Datasheet HTML 13Page - Exar Corporation XRT8000IP Datasheet HTML 14Page - Exar Corporation XRT8000IP Datasheet HTML 15Page - Exar Corporation XRT8000IP Datasheet HTML 16Page - Exar Corporation XRT8000IP Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
XRT8000
13
Rev. 1.11
Table 6 presents information on the delay between the rising edge of SYNC and the CLK1 or CLKL output signals. It is
important to note that this delay behaves as a function of the settings within the CR3 register.
T values (nS)
SEL14~SEL10
K
Kx56 MODE
Kx64 MODE
00000
1
372
326
00001
2
372
326
00010
3
372
326
00011
4
372
326
00100
5
446
391
00101
6
372
326
00110
7
319
279
00111
8
279
244
01000
9
496
434
01001
10
446
301
01010
11
406
355
01011
12
372
326
01100
13
343
301
01101
14
319
279
01110
15
298
260
01111
16
279
244
10000
17
525
460
10001
18
496
434
10010
19
470
411
10011
20
446
391
10100
21
425
372
10101
22
406
355
10110
23
388
340
10111
24
372
326
11000
25
357
312
11001
26
343
301
11010
27
331
289
11011
28
319
279
11100
29
308
279
11101
30
298
260
11110
31
288
252
11111
32
279
244
Notes:
1 This table does not apply to the data mode or to Kx56 mode
with the divide by eight enabled.
2 This table does not apply when the XRT8000 device is
operating in the REVERSE Mode.
Table 6. Delay Time Between SYNC and CLK1 or CLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24