Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT71D00 Fiches technique(PDF) 21 Page - Exar Corporation

No de pièce XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Fiches technique(HTML) 21 Page - Exar Corporation

Back Button XRT71D00 Datasheet HTML 17Page - Exar Corporation XRT71D00 Datasheet HTML 18Page - Exar Corporation XRT71D00 Datasheet HTML 19Page - Exar Corporation XRT71D00 Datasheet HTML 20Page - Exar Corporation XRT71D00 Datasheet HTML 21Page - Exar Corporation XRT71D00 Datasheet HTML 22Page - Exar Corporation XRT71D00 Datasheet HTML 23Page - Exar Corporation XRT71D00 Datasheet HTML 24Page - Exar Corporation XRT71D00 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
áç
áç
áç
áç
XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
20
TABLE 4: XRT71D00 MAXIMUM JITTER TOLERANCE
APPLICATIO
N
STS-1
BWS
LOW
HIGH
LOW
HIGH
FIFO SIZE
16
32
FREQ. (HZ)
UI (PEAK TO PEAK)
10
38.939
>64.00
>64.00
>64.00
20
22.689
>64.00
44.938
>64.00
30
18.939
53.688
37.688
>64.00
40
17.439
41.563
34.938
>64.00
50
16.814
34.438
33.688
>64.00
60
16.314
29.939
32.938
59.063
80
15.939
24.689
32.188
48.938
100
15.814
21.814
31.814
43.438
125
15.689
19.814
31.564
39.438
150
15.564
18.564
31.439
37.063
200
15.564
17.314
31.314
34.688
300
15.439
16.314
31.189
32.813
500
15.439
15.814
31.189
31.689
1000
15.439
15.564
31.189
31.314
2000
15.439
15.439
31.189
31.189
3000
15.439
15.439
26.189
26.189
5000
15.439
15.439
16.189
16.189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26