Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP350PR Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SP350PR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SP350PR Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SP350PR Datasheet HTML 5Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 6Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 7Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 8Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 9Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 10Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 11Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 12Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
SECTION 9
SECTION 1
37
Machine Tool indusTrial conTrol
features & Benefits
Continued
© Hammond Power Solutions Inc.
Data subject to change without notice.
Terminal connection numbers molded into the
terminal block and correspond to the nameplate
and wiring diagrams, make
connecting the HPS Imperator
quick and simple.
Custom injection molded coil
cover with its unique “fin shaped”
design combines superior cooling
properties with a clean, bold look.
Made of heavy steel and
welded or bolted to the
core, these mounting feet
provide superior strength
in a compact design.
Standard secondary and optional
primary fuse kits utilizing 13/32” x 1 1/2”
midget/type CC fuse clips provide an
economical solution to your fusing
requirements (fuses not available).
SEMS washer allows for easy connection
of supply or load wires with or without
terminal connectors.
Innovative terminal block
design provides for easy
hook-up and installation of
fuse clips.
Optional removable finger safe
terminal covers available on all
units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52