| Moteur de recherche de fiches techniques de composants électroniques |
|
SP350QR Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SP350QR Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 52 page ![]() 40 HPS IMPERATOR® SECTION 1 secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers. *Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45. refer to page 68 for wiring schematic drawing. Custom voltages and Va sizes available upon request. secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers. *Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45. refer to page 69 for wiring schematic drawing. Custom voltages and Va sizes available upon request. all dimensions in inches all dimensions in inches © Hammond Power Solutions Inc. Data subject to change without notice. 50/60 Hertz primary Voltage: 208 X 416 200 X 400 190 X 380 secondary Voltage: 120 X 240 115 X 230 110 X 220 Group e 50/60 Hertz primary Voltage: 120 X 240 115 X 230 110 X 220 secondary Voltage: 120 X 240 115 X 230 110 X 220 Group f fIGure a A D E C B G x H A D E C B G x H fIGure B Va rating Catalog number mtg. fig. output amps overall dimensions mounting Centers mounting slot Height with finger Guard depth with finger Guard approx. ship Weight lbs. optional primary fuse Kit p/n optional unfused and fused finger Guard Kit p/n a B C d e G X H 50 pH50sp A 0.42/0.21 3.00 4.38 3.19 2.50 2.25 0.22 x 0.44 4.00 5.82 3.50 PFK1 FG1*/FGF1 75 pH75sp A 0.63/0.31 3.25 3.88 3.56 2.63 2.50 0.22 x 0.44 4.37 5.32 3.54 PFK1 FG2*/FGF2 100 pH100sp A 0.83/0.42 3.25 4.19 3.63 2.63 2.63 0.22 x 0.44 4.44 5.63 4.50 PFK1 FG2*/FGF2 150 pH150sp B 1.25/0.63 4.00 4.94 3.81 3.38 2.75 0.22 x 0.75 4.50 6.44 5.70 PFK2 FG3 250 pH250sp B 2.08/1.04 4.50 5.44 3.81 3.75 3.13 0.22 x 0.75 4.50 6.94 7.50 PFK2 FG3 350 pH350sp B 2.92/1.46 4.50 5.19 4.44 3.75 3.75 0.22 x 0.75 4.94 6.69 10.1 PFK3 FG4 500 pH500sp B 4.17/2.08 4.75 5.94 4.31 4.06 3.81 0.31 x 0.94 4.81 7.44 14.2 PFK3 FG4 750 pH750sp B 6.25/3.13 5.13 6.69 4.31 4.38 4.31 0.31 x 0.81 4.81 8.19 16.6 PFK3 FG4 1000 pH1000sp B 8.33/4.17 5.25 6.81 4.94 4.50 4.44 0.31 x 0.81 5.56 8.31 23.6 PFK3 FG5 Va rating Catalog number mtg. fig. output amps overall dimensions mounting Centers mounting slot Height with finger Guard depth with finger Guard approx. ship Weight lbs. optional primary fuse Kit p/n optional unfused and fused finger Guard Kit p/n a B C d e G X H 50 pH50pp A 0.42/0.21 3.00 4.38 3.19 2.50 2.25 0.22 x 0.44 4.00 5.82 3.50 PFK1 FG1*/FGF1 75 pH75pp A 0.63/0.31 3.25 3.88 3.56 2.63 2.50 0.22 x 0.44 4.37 5.32 3.54 PFK1 FG2*/FGF2 100 pH100pp A 0.83/0.42 3.25 4.19 3.63 2.63 2.63 0.22 x 0.44 4.44 5.63 4.50 PFK1 FG2*/FGF2 150 pH150pp B 1.25/0.63 4.00 4.94 3.81 3.38 2.75 0.22 x 0.75 4.50 6.44 5.70 PFK2 FG3 250 pH250pp B 2.08/1.04 4.50 5.44 3.81 3.75 3.13 0.22 x 0.75 4.50 6.94 7.50 PFK2 FG3 350 pH350pp B 2.92/1.46 4.50 5.19 4.44 3.75 3.75 0.22 x 0.75 4.94 6.69 10.1 PFK3 FG4 500 pH500pp B 4.17/2.08 4.75 5.94 4.31 4.06 3.81 0.31 x 0.94 4.81 7.44 14.2 PFK3 FG4 750 pH750pp B 6.25/3.13 5.13 6.69 4.31 4.38 4.31 0.31 x 0.81 4.81 8.19 16.6 PFK3 FG4 1000 pH1000pp B 8.33/4.17 5.25 6.81 4.94 4.50 4.44 0.31 x 0.81 5.56 8.31 23.6 PFK3 FG5 1500 pH1500pp B 12.5/6.25 5.25 8.19 4.94 4.50 6.06 0.38 x 1.0 5.56 9.69 32.0 PFK3 FG5 |