Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FGF2 Fiches technique(PDF) 33 Page - List of Unclassifed Manufacturers

No de pièce FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Fiches technique(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 29Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 30Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 31Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 32Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 33Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 34Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 35Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 36Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
SECTION 9
SECTION 1
General PurPose enclosed
61
Data subject to change without notice.
© Hammond power solutions Inc.
optional accessories
fuse Holder Kit
This general purpose enclosed transformer optional secondary fuse holder kit is specifically designed to
provide circuit protection up to a maximum of 20 amps and up to 250V. The fuse holder kit is supplied
with leads for easy hook-up and is easy to install. Fuses are nOT supplied with this kit. Fuses should
be selected in accordance with CSA, Ul and local electrical codes.
for detailed installation instructions of Hps fusion transformers or the optional fuse kits, please
visit our website under products and services - literature & resources - Instruction sheets - Control
transformers.
or go to the following link: http://www.hammondpowersolutions.com/products/product_literature/
instruction_sheets/control_transformers.php
part
number
applicable transformer
Part Number Suffixes
applicable
Specifications
fsfH1
All
Up to 20 amps and 250V
sample assembly drawing for
optional fuse Kit Installation
(Only available for units supplied with either a primary
or secondary molded terminal block)
fuse Kit
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52