| Moteur de recherche de fiches techniques de composants électroniques |
|
WS2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
WS2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() www.okinternational.com Jan. 2008 The OKi PS-900 Soldering System, powered by SmartHeat® Technology, is part of a new generation of cost-effective soldering systems from OK International. The PS-900 packs power and provides exceptional ther- mal control into a small benchtop footprint. The PS-900 provides operators the repeatability to produce high quality solder connections with exceptional speed. More Applications The PS-900 increases productivity by performing a wide range of applications. It is suited for lead-free soldering processes, multilayer boards and thermally demanding components. What's more, SmartHeat technology enables the PS-900 to solder at lower temperatures, even for such demanding applications as lead-free soldering processes. This means operators are more productive and materials are safe from damaging temperatures. Low Operating Costs The PS-900 is designed for simplicity and low mainte- nance. With SmartHeat Technology at its core, it requires no calibration. Moreover, it uses high quality tips that as- sure low ongoing operating costs. Its low cost makes it the perfect choice for small or large production environments, which need exceptional performance, while being mindful of operating budgets. The power to solder demanding loads, the control to assure consistent results. PS-900 Soldering System High Power. Superior Control. Cost Effective. Key Features & Benefits SmartHeat® Temperature Control Fixed temperature, variable power with no thermal over shoot Ergonomic, lightweight handle Assures operator comfort and improved productivity Rugged cast aluminum housing Provides exceptional durability Autosleep Workstand Reduces tip oxidation in stand and increases tip life Added plating thickness to tips Extends tip life Low cost, quick-change coil For minimum operator assembly “down time” Hand-piece is Ergonomic and Lightweight |
Numéro de pièce similaire - WS2 |
|
Description similaire - WS2 |