| Moteur de recherche de fiches techniques de composants électroniques |
|
FSXXXACP Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FSXXXACP Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 52 page ![]() 30 SECTION 1 © Hammond Power Solutions Inc. Data subject to change without notice. transformer QuICK seleCtIon CHarts Hps Imperator® pri. Volts sec. Volts Group part no. page 600, 575, 550 120 x 240, 115 x 230, 110 x 220 A pH***aJ 38 600, 575, 550 12 x 24, 11.5 x 23, 11 x 22 B pH***ar 38 240 x 480, 230 x 460, 220 x 440 120 x 240, 115 x 230, 110 x 220 C pH***mQmJ 39 240 x 480, 230 x 460, 220 x 440 12 x 24, 11.5 x 23, 11 x 22 D pH***Qr 39 208 x 416, 200 x 400, 190 x 380 120 x 240, 115 x 230, 110 x 220 E pH***sp 40 120 x 240, 115 x 230, 110 x 220 120 x 240, 115 x 230, 110 x 220 F pH***pp 40 120 x 240, 115 x 230, 110 x 220 12 x 24, 11.5 x 23, 11 x 22 G pH***pG 41 600/480/240, 575/460/230, 550/440/220 120/100, 115/95, 110/90 H pH***mBmH 41 480/240, 460/230/208, 440/220/200 120/25, 115/24, 110/23 I pH***mlI 42 415/400/380 110 x 220 J pH***memX 42 380/277/208 120 x 240 K pH***mGJ 43 pri. Volts sec. Volts Group part no. page 600/480, 575/460, 550/440 120 x 240, 115 x 230, 110 x 220 A sp***aCp 48 600, 575, 550 12 x 24, 11.5 x 23, 11 x 22 B sp***ar 48 240 x 480, 230 x 460, 220 x 440 120 x 240, 115 x 230, 110 x 220 C sp***mQmJ 49 240 x 480, 230 x 460, 220 x 440 12 x 24, 11.5 x 23, 11 x 22 D sp***Qr 49 347/380 120 x 240 E sp***KHp 50 347/380 12 x 24 F sp***KHr 50 277 120 G sp***nJ 51 120 x 240, 115 x 230, 110 x 220 12 x 24, 11.5 x 23, 11 x 22 H sp***pr 51 208 x 416, 200 x 400, 190 x 380 120 x 240, 115 x 230, 110 x 220 I sp***sp 52 208 x 416, 200 x 400, 190 x 380 12 x 24, 11.5 x 23, 11 x 22 J sp***sr 52 pri. Volts sec. Volts Group part no. page 600/480, 575/460, 550/440 120 x 240, 115 x 230, 110 x 220 A fs***aCp 56 600, 575, 550 12 x 24, 11.5 x 23, 11 x 22 B fs***ar 56 240 x 480, 230 x 460, 220 x 440 120 x 240, 115 x 230, 110 x 220 C fs***mQmJ 57 240 x 480, 230 x 460, 220 x 440 12 x 24, 11.5 x 23, 11 x 22 D fs***Qr 57 347/380 120 x 240 E fs***KHp 58 347/380 12 x 24 F fs***KHr 58 277 120 G fs***nJ 59 120 x 240, 115 x 230, 110 x 220 12 x 24, 11.5 x 23, 11 x 22 H fs***pr 59 208 x 416, 200 x 400, 190 x 380 120 x 240, 115 x 230, 110 x 220 I fs***sp 60 208 x 416, 200 x 400, 190 x 380 12 x 24, 11.5 x 23, 11 x 22 J fs***sr 60 pri. Volts sec. Volts part no. page 600 12/24 Q***prC* 63 Hps spartan® Hps fusion™ Q series |