| Moteur de recherche de fiches techniques de composants électroniques |
|
PROTO-SHIELD Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PROTO-SHIELD Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 11 page ![]() BOARD LAYOUT: POWER SUPPLY CIRCUIT: PROTO-SHIELD is power supplied via POWER connector from the ARDUINO compatible board with which is used. JUMPER DESCRIPTION: L1_E This jumper, when closed, LED1 is connected to D3 line. This jumper, when opened, LED1 is connected to L1 pad. Default state is closed. L2_E This jumper, when closed, LED2 is connected to D4 line. This jumper, when opened, LED2 is connected to L2 pad. Default state is closed. B1_E This jumper, when closed, BUT1 is connected to D6 line. This jumper, when opened, BUT1 is connected to B1 pad. Default state is closed. Page 4 |