Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XR-2212 Fiches technique(PDF) 8 Page - Exar Corporation

No de pièce XR-2212
Description  Precision Phase-Locked Loop
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Fiches technique(HTML) 8 Page - Exar Corporation

Back Button XR-2212_06 Datasheet HTML 4Page - Exar Corporation XR-2212_06 Datasheet HTML 5Page - Exar Corporation XR-2212_06 Datasheet HTML 6Page - Exar Corporation XR-2212_06 Datasheet HTML 7Page - Exar Corporation XR-2212_06 Datasheet HTML 8Page - Exar Corporation XR-2212_06 Datasheet HTML 9Page - Exar Corporation XR-2212_06 Datasheet HTML 10Page - Exar Corporation XR-2212_06 Datasheet HTML 11Page - Exar Corporation XR-2212_06 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
XR-2212
8
Rev. 2.10
R0=10K
R0=50K
R0=500K
R0=1MΩ
1M
500K
50K
10K
Temperature (C)
+1.0
+0.5
0
-0.5
-1.0
-50
-25
0
25
50
75
100
125
VCC=12V
R1=12R0
f0=1kHz
Figure 9. Typical Center Frequency Drift vs. Temperature
DESCRIPTION OF CIRCUIT CONTROLS
Signal Input (Pin 2): Signal is AC coupled to this terminal.
The internal impedance at Pin 2 is 20k
W. Recommended
input signal level is in the range of 10mV to 5V
peak-to-peak.
VCO Current Output (Pin 3): This is a high impedance
(M
W) current output terminal which can provide +100mA
drive capability with a voltage swing equal to VCC. This
output can directly interface with CMOS or NMOS logic
families.
VCO Voltage Output (Pin 5): This terminal provides a
low- impedance (
 50W) buffered output for the VCO. It
can directly interface with low-power Schottley TTL. For
interfacing with standard TTL circuits, a 750
W pull-down
resistor from Pin 5 to ground is required. For operation of
the PLL without an external divider, Pin 5 can be DC
coupled to Pin 16.
Op Amp Compensation (Pin 6): The op amp section is
frequency compensated by connecting an external
capacitor from Pin 6 to the amplifier output (Pin 8). For
unity-gain
compensation
a
20pF
capacitor
is
recommended.
Op Amp Inputs (Pins 7 and 9): These are the inverting
and the non-inverting inputs for the op amp section. The
common-mode range of the op amp inputs is from +1V to
(VCC - 1.5) volts.
Op Amp Output (Pin 8): The op amp output is an open-
collector type gain stage and requires a pull-up resistor,
RL, to VCC for proper operation. For most applications, the
recommended value of RL is in 5kW to 10kW range.
Phase Detector Output (Pin 10): This terminal provides
a high-impedance output for the loop phase-detector. The
PLL loop filter is formed by R1 and C1 connected to Pin 10
(see
Figure 3). With no input signal, or with no
phase-error within the PLL, the DC level at Pin 10 is very
nearly equal to VREF. The peak voltage swing available at
the phase detector output is equal to
$VREF.
Reference Voltage, VREF (Pin 11): This pin is internally
biased at the reference voltage level. VREF:VREF = VCC/2
- 650mV. The DC voltage level at this pin forms an internal
reference for the voltage levels at Pins 10, 12 and 16. Pin
1 must be bypassed to ground with a 0.1
mF capacitor, for
proper operation of the circuit.
VCO Control Input (Pin 12): VCO free-running
frequencies determined by external timing resistor, R0,
connected from this terminal to ground. For optimum
temperature stability, R0 must be in the range of 10KW to
100k
W (see Figure 9).
VCO Frequency Adjustment: VCO can be fine-tuned
by connecting a potentiometer, RX, in series with R0 at Pin
12 (see
Figure 11).
This terminal is a low-impedance point, and is internally
biased at a DC level equal to VREF. The maximum timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com