| Moteur de recherche de fiches techniques de composants électroniques |
|
BCC0AML Fiches technique(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0AML Fiches technique(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M425-M414-3A-304-PW3434-003 Order Code: BCC0AML Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 214929 ETIM 6.0: EC001855 BCC0AML_0.95_2023-12-20 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20549 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Flame resistance per UL FT2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings II PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black I PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: not used Wiring Diagrams |