Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP1531DM Fiches technique(PDF) 5 Page - Monolithic Power Systems

No de pièce MP1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531DM Fiches technique(HTML) 5 Page - Monolithic Power Systems

  MP1531DM Datasheet HTML 1Page - Monolithic Power Systems MP1531DM Datasheet HTML 2Page - Monolithic Power Systems MP1531DM Datasheet HTML 3Page - Monolithic Power Systems MP1531DM Datasheet HTML 4Page - Monolithic Power Systems MP1531DM Datasheet HTML 5Page - Monolithic Power Systems MP1531DM Datasheet HTML 6Page - Monolithic Power Systems MP1531DM Datasheet HTML 7Page - Monolithic Power Systems MP1531DM Datasheet HTML 8Page - Monolithic Power Systems MP1531DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
5
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
The MP1531 is a step-up converter with two
integrated linear regulators to power TFT LCD
panels. Typically the linear regulators are
powered from diode charge-pumps driven from
the switch node (SW). The user can set the
positive charge-pump to be a doubler, tripler, or
quadrupler to achieve the required linear
regulator input voltage for the selected output
voltage. Typically the negative charge-pump is
configured as a 1x or 2x inverter.
IN
REF
PGND
FB3
IN3
GH
RDY
SW
REFERENCE
PULSE-WIDTH
MODULATOR
OSCILLATOR
SOFT-START
FAULT TIMER
&
SEQUENCING
--
+
0.8VREF
--
+
0.8VREF
VREF
--
+
0.2VREF
--
+
VREF
GND
FB2
EN
FB1
COMP
CT
IN2
GL
--
+
GM
--
+
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12