| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT86VL32IB Fiches technique(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL32IB Fiches technique(HTML) 21 Page - Exar Corporation |
|
21 / 153 page ![]() XRT86VL3X 14 REV. 1.2.2 T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION 1.11 Framer Bypass Mode The framer bypass mode allows the XRT86VL3x to be used as a stand alone Line Interface Unit. In this mode, a few of the backplane interface signals multiplex into the digital Input/output signals to and from the LIU block. Figure 22 shows a simplified block diagram of the framer bypass mode. FIGURE 17. SIMPLIFIED BLOCK DIAGRAM OF THE FRAMER BYPASS MODE 2-Frame Slip Buffer Elastic Store Tx Serial Data In Tx LIU Interface 2-Frame Slip Buffer Elastic Store Rx LIU Interface Rx Framer Rx Serial Data Out Tx Framer TCLK=TxSERCLK TPOS=TxSER TNEG=TxSYNC RCLK=RxSERCLK RPOS=RxSER RNEG=RxSYNC |