Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT86VL34IB Fiches technique(PDF) 13 Page - Exar Corporation

No de pièce XRT86VL34IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Fiches technique(HTML) 13 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 9Page - Exar Corporation XRT86VL34IB Datasheet HTML 10Page - Exar Corporation XRT86VL34IB Datasheet HTML 11Page - Exar Corporation XRT86VL34IB Datasheet HTML 12Page - Exar Corporation XRT86VL34IB Datasheet HTML 13Page - Exar Corporation XRT86VL34IB Datasheet HTML 14Page - Exar Corporation XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
XRT86VL3X
6
REV. 1.2.2
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
1.2.5
Receive Interface with 1:1 and 1+1 Redundancy
The receivers on the backup card should be programmed for "High" impedance. Since there is no external
resistor in the circuit, the receivers on the backup card will not load down the line interface. This key design
feature eliminates the need for relays and provides one bill of materials for all interface modes of operation.
Select the impedance for the desired mode of operation, T1/E1/J1. To swap the primary card, set the backup
card to internal impedance, then the primary card to "High" impedance. See Figure 5. for a simplified block
diagram of the receive section for a 1:1 redundancy scheme.
FIGURE 5. SIMPLIFIED BLOCK DIAGRAM OF THE RECEIVE INTERFACE FOR 1:1 AND 1+1 REDUNDANCY
"High" Impedence
Internal Impedence
Backplane Interface
Primary Card
Backup Card
XRT86VL3x
Rx
T1/E1 Line
Rx
1:1
1:1
XRT86VL3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More