| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT79L71IB Fiches technique(PDF) 7 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Fiches technique(HTML) 7 Page - Exar Corporation |
|
7 / 109 page ![]() XRT79L71 III REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE TABLE 17: TIMING INFORMATION FOR THE TRANSMIT OVERHEAD DATA INPUT INTERFACE BLOCK ..................................................... 96 FIGURE 21. TIMING DIAGRAM FOR THE TRANSMIT OVERHEAD DATA INPUT INTERFACE (METHOD 1 ACCESS) .................................... 98 FIGURE 22. TIMING DIAGRAM FOR THE TRANSMIT OVERHEAD DATA INPUT INTERFACE (METHOD 2 ACCESS) .................................... 98 RECEIVE PAYLOAD DATA OUTPUT INTERFACE ....................................................... 99 RECEIVE PAYLOAD DATA OUTPUT INTERFACE - TIMING REQUIREMENTS ................................... 99 TABLE 18: TIMING INFORMATION FOR THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE BLOCK ...................................................... 99 FIGURE 23. TIMING DIAGRAM FOR THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE (SERIAL MODE).............................................. 99 FIGURE 24. TIMING DIAGRAM FOR THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE (NIBBLE-PARALLEL MODE) ........................... 100 RECEIVE OVERHEAD DATA OUTPUT INTERFACE .................................................. 101 RECEIVE OVERHEAD DATA OUTPUT INTERFACE - TIMING REQUIREMENTS .............................. 101 AC ELECTRICAL CHARACTERISTICS (CONT.)............................................................................................... 101 FIGURE 25. TIMING DIAGRAM FOR THE RECEIVE OVERHEAD DATA OUTPUT INTERFACE (METHOD 1 - USING RXOHCLK) ................ 102 FIGURE 26. TIMING DIAGRAM FOR THE RECEIVE OVERHEAD DATA OUTPUT INTERFACE (METHOD 2 - USING RXOHENABLE) .......... 102 RECEIVE UTOPIA INTERFACE .................................................................................... 103 RECEIVE UTOPIA INTERFACE ............................................................................................................. 103 FIGURE 27. TIMING DIAGRAM FOR THE RECEIVE UTOPIA INTERFACE BLOCK ................................................................................ 103 TABLE 19: TIMING INFORMATION FOR THE RECEIVE UTOPIA INTERFACE BLOCK ........................................................................... 103 12.0 ARCHITECTURAL/FUNCTIONAL DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/ PPP/CLEAR-CHANNEL FRAMER WITH LIU IC - CLEAR CHANNEL FRAMER AND HIGH-SPEED HDLC CONTROLLER MODE APPLICATIONS (SEE 79L71-CC-ARC-DESC.PDF) .................................... 104 13.0 ARCHITECTURAL DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR- CHANNEL FRAMER WITH LIU IC - ATM UNI APPLICATIONS (SEE 79L71-ATM-ARC-DESC.PDF) 104 14.0 ARCHITECTURAL DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR- CHANNEL FRAMER WITH LIU IC - POS-PHY/PPP APPLICATIONS (SEE 79L71-PPP-ARC-DESC.PDF) 104 ORDERING INFORMATION .......................................................................................... 105 PACKAGE DIMENSIONS .............................................................................................. 105 208 SHRINK THIN BALL GRID ARRAY (17.0 MM X 17.0 MM, STBGA) ............................................... 105 REVISION HISTORY .................................................................................................................................... 106 |