| Moteur de recherche de fiches techniques de composants électroniques |
|
CK-2125-R47MTK Fiches technique(PDF) 25 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CK-2125-R47MTK Fiches technique(HTML) 25 Page - Kemet Corporation |
|
25 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 25 High Impedence Type Ferrite Chip Beads (FB Series M Type) Ordering Code EIA Case Size Impedance ( Ω Ω) Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (A) Thickness mm (inches) Tape & Reel Packaging Quantity FBMH1608HM470K 0603 47 ±25% 100 0.02 3.5 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HM600K 0603 60 ±25% 100 0.025 3 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HM101K 0603 100 ±25% 100 0.035 2 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMHI608HM151K 0603 150 ±25% 100 0.05 2 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HM22IK 0603 220 ±25% 100 0.07 1.5 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMHI608HM331K 0603 330 ±25% 100 0.13 0.9 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HM471K 0603 470 ±25% 100 0.15 0.7 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMHI6O8HM6O1K 0603 600 ±25% 100 0.17 0.7 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HM102K 0603 1000 ±25% 100 0.35 0.3 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HL300K 0603 30 ±25% 100 0.028 2.5 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HL600K 0603 60 ±25% 100 0.045 1.8 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMHI608HL12IK 0603 120 ±25% 100 0.13 0.9 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HL221K 0603 220 ±25% 100 0.17 0.7 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HL331K 0603 330 ± 5% 100 0.21 0.6 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH1608HL471K 0603 470 ±25% 100 0.35 0.5 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMHI608HL601K 0603 600 ±25% 100 0.45 0.4 0.8 ±0.1 (0.031 ±0.004) 4,000 FBMH2012HM800K 0805 80 ±25% 100 0.025 2.7 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMH2012HM121K 0805 120 ±25% 100 0.032 2.5 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMH2012HM221K 0805 220 ±25% 100 0.06 2 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMH2012HM331K 0805 330 ±25% 100 0.08 1.8 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMH2016HM251K 0806 250 ±30% 100 0.05 2 1.6 ±0.2 (0.063 ±0.008) 2,000 FBMH3216HM501K 1206 500 ±30% 100 0.07 2 1.6 ±0.2 (0.063 ±0.008) 2,000 FBMH4516HM851K 1806 850 ±30% 100 0.1 1.5 1.6 ±0.2 (0.063 ±0.008) 2,000 FBMH3225HM601K 1210 600 ±30% 100 0.042 3 2.5 ±0.3 (0.098 ±0.012) 1,000 FBMH3225HM102K 1210 1000 ±30% 100 0.1 2 2.5 ±0.3 (0.098 ±0.012) 1,000 FBMH3225HM202K 1210 2000 ±30% 100 0.13 1.2 2.5 ±0.3 (0.098 ±0.012) 1,000 FBMH4525HM102K 1810 1000 ±30% 100 0.06 3 2.5 ±0.3 (0.098 ±0.012) 1,000 FBMH4525HM162K 1810 1600 ±30% 100 0.13 2 2.5 ±0.3 (0.098 ±0.012) 1,000 FBMH4532HM681K 1812 680 ±25% 100 0.028 4 3.2 ±0.3 (0.126 ±0.012) 2,000 FBMH4532HM132K 1812 1300 ±25% 100 0.06 3 3.2 ±0.3 (0.126 ±0.012) 2,000 FBMH4532HM202K 1812 2000 ±25% 100 0.13 1.3 3.2 ±0.3 (0.126 ±0.012) 2,000 |