Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CK-2125-R22MTK Fiches technique(PDF) 25 Page - Kemet Corporation

No de pièce CK-2125-R22MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R22MTK Fiches technique(HTML) 25 Page - Kemet Corporation

Back Button CK-2125-R22MTK Datasheet HTML 21Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 22Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 23Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 24Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 25Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 26Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 27Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 28Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 29Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
25
High Impedence Type Ferrite Chip Beads (FB Series M Type)
Ordering Code
EIA Case Size
Impedance
(
Ω
Ω)
Measuring
Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
FBMH1608HM470K
0603
47 ±25%
100
0.02
3.5
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HM600K
0603
60 ±25%
100
0.025
3
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HM101K
0603
100 ±25%
100
0.035
2
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMHI608HM151K
0603
150 ±25%
100
0.05
2
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HM22IK
0603
220 ±25%
100
0.07
1.5
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMHI608HM331K
0603
330 ±25%
100
0.13
0.9
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HM471K
0603
470 ±25%
100
0.15
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMHI6O8HM6O1K
0603
600 ±25%
100
0.17
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HM102K
0603
1000 ±25%
100
0.35
0.3
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HL300K
0603
30 ±25%
100
0.028
2.5
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HL600K
0603
60 ±25%
100
0.045
1.8
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMHI608HL12IK
0603
120 ±25%
100
0.13
0.9
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HL221K
0603
220 ±25%
100
0.17
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HL331K
0603
330 ± 5%
100
0.21
0.6
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH1608HL471K
0603
470 ±25%
100
0.35
0.5
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMHI608HL601K
0603
600 ±25%
100
0.45
0.4
0.8 ±0.1 (0.031 ±0.004)
4,000
FBMH2012HM800K
0805
80 ±25%
100
0.025
2.7
0.85 ±0.2 (0.033 ±0.008)
4,000
FBMH2012HM121K
0805
120 ±25%
100
0.032
2.5
0.85 ±0.2 (0.033 ±0.008)
4,000
FBMH2012HM221K
0805
220 ±25%
100
0.06
2
0.85 ±0.2 (0.033 ±0.008)
4,000
FBMH2012HM331K
0805
330 ±25%
100
0.08
1.8
0.85 ±0.2 (0.033 ±0.008)
4,000
FBMH2016HM251K
0806
250 ±30%
100
0.05
2
1.6 ±0.2 (0.063 ±0.008)
2,000
FBMH3216HM501K
1206
500 ±30%
100
0.07
2
1.6 ±0.2 (0.063 ±0.008)
2,000
FBMH4516HM851K
1806
850 ±30%
100
0.1
1.5
1.6 ±0.2 (0.063 ±0.008)
2,000
FBMH3225HM601K
1210
600 ±30%
100
0.042
3
2.5 ±0.3 (0.098 ±0.012)
1,000
FBMH3225HM102K
1210
1000 ±30%
100
0.1
2
2.5 ±0.3 (0.098 ±0.012)
1,000
FBMH3225HM202K
1210
2000 ±30%
100
0.13
1.2
2.5 ±0.3 (0.098 ±0.012)
1,000
FBMH4525HM102K
1810
1000 ±30%
100
0.06
3
2.5 ±0.3 (0.098 ±0.012)
1,000
FBMH4525HM162K
1810
1600 ±30%
100
0.13
2
2.5 ±0.3 (0.098 ±0.012)
1,000
FBMH4532HM681K
1812
680 ±25%
100
0.028
4
3.2 ±0.3 (0.126 ±0.012)
2,000
FBMH4532HM132K
1812
1300 ±25%
100
0.06
3
3.2 ±0.3 (0.126 ±0.012)
2,000
FBMH4532HM202K
1812
2000 ±25%
100
0.13
1.3
3.2 ±0.3 (0.126 ±0.012)
2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32