| Moteur de recherche de fiches techniques de composants électroniques |
|
CK-2125-R10MTK Fiches technique(PDF) 24 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CK-2125-R10MTK Fiches technique(HTML) 24 Page - Kemet Corporation |
|
24 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 24 Ordering Code Impedance ( Ω Ω) Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (A) Thickness mm (inches) Tape & Reel Packaging Quantity FBMJ1608HS280K 28 ±30% 100 0.007 4 O.8 ±0.2 (0.031 ±0.008) 4,000 FBMJ1608HM230K 23 ±30% 100 0.007 4 O.8 ±0.2 (0.031 ±0.008) 4,000 0603 Case Size High Current Ferrite Chip Beads (FB Series M Type) 0805 Case Size High Current Ferrite Chip Beads (FB Series M Type) Ordering Code Impedance ( Ω Ω) Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (A) Thickness mm (inches) Tape & Reel Packaging Quantity FBMJ2125HS420K 42 ±25% 100 0.008 4 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMJ2125HS250K 25 ±30% 100 0.004 6 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMJ2125HM330K 33 ±25% 100 0.008 4 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMJ2125HM2I0K 21 ±30% 100 0.004 6 0.85 ±0.2 (0.033 ±0.008) 4,000 FBMJ2125HL8R0K 8 ±30% 100 0.01 2 0.85 ±0.2 (0.033 ±0.008) 4,000 1206 Case Size High Current Ferrite Chip Beads (FB Series M Type) Ordering Code Impedance ( Ω Ω) Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (A) Thickness mm (inches) Tape & Reel Packaging Quantity FBMJ3216HS800K 80 ±25% 100 0.01 4 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ3216HS480K 48 ±30% 100 0.005 6 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ3216HM600K 60 ±25% 100 0.01 4 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ3216HM380K 38 ±30% 100 0.005 6 1.1 ±0.2 (0.043 ±0.008) 2,000 Ordering Code Impedance ( Ω Ω) Measuring Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (A) Thickness mm (inches) Tape & Reel Packaging Quantity FBMJ4516HS111K 110 ±25% 100 0.014 4 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ4516HS720K 72 ±30% 100 0.007 6 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ4516HM900K 90 ±25% 100 0.014 4 1.1 ±0.2 (0.043 ±0.008) 2,000 FBMJ4516HM560K 56 ±30% 100 0.007 6 1.1 ±0.2 (0.043 ±0.008) 2,000 1806 Case Size High Current Ferrite Chip Beads (FB Series M Type) |