| Moteur de recherche de fiches techniques de composants électroniques |
|
HK-2125-R39JTK Fiches technique(PDF) 6 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
HK-2125-R39JTK Fiches technique(HTML) 6 Page - Kemet Corporation |
|
6 / 32 page ![]() 1207 Case Size Standard Type (LB 3218 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LB-3218-T1R0MK 1.0 ±20% 100 0.06 1075 7.96 2,000 LB-3218-T1R5MK 1.5 ±20% 80 0.07 860 7.96 2,000 LB-3218-T2R2MK 2.2 ±20% 68 0.09 775 7.96 2,000 LB-3218-T3R3MK 3.3 ±20% 54 0.11 560 7.96 2,000 LB-3218-T4R7MK 4.7 ±20% 41 0.13 550 7.96 2,000 LB-3218-T6R8MK 6.8 ±20% 40 0.17 380 7.96 2,000 LB-3218-T100(_)K 10 K=10%, M=±20% 30 0.25 340 2.52 2,000 LB-3218-T150(_)K 15 K=10%, M=±20% 25 0.32 300 2.52 2,000 LB-3218-T220(_)K 22 K=10%, M=±20% 19 0.49 255 2.52 2,000 LB-3218-T330(_)K 33 K=10%, M=±20% 15 0.75 215 2.52 2,000 LB-3218-T470(_)K 47 K=10%, M=±20% 12 0.92 205 2.52 2,000 LB-3218-T680(_)K 68 K=10%, M=±20% 11 1.49 145 2.52 2,000 LB-3218-T101(_)K 100 K=10%, M=±20% 8 2.40 140 0.796 2,000 LB-3218-T151(_)K 150 K=10%, M=±20% 7 3.20 105 0.796 2,000 LB-3218-T221(_)K 220 K=10%, M=±20% 5 5.40 80 0.796 2,000 LB-3218-T331(_)K 330 K=10%, M=±20% 4 7.00 65 0.796 2,000 LB-3218-T471(_)K 470 K=10%, M=±20% 3.5 14.00 54 0.796 2,000 LB-3218-T681(_)K 680 K=10%, M=±20% 3 17.00 45 0.796 2,000 LB-3218-T102(_)K 1000 K=10%, M=±20% 2.4 27.00 39 0.252 2,000 © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 6 0806 Case Size High Current Type (LB C2016 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LBC2016-T1R0MK 1.0 ±20% 100 0.10 690 7.96 2,000 LBC2016-T1R5MK 1.5 ±20% 80 0.15 600 7.96 2,000 LBC2016-T2R2MK 2.2 ±20% 70 0.20 520 7.96 2,000 LBC2016-T3R3MK 3.3 ±20% 55 0.27 410 7.96 2,000 LBC2016-T4R7MK 4.7 ±20% 45 0.37 355 7.96 2,000 LBC2016-T6R8MK 6.8 ±20% 38 0.59 290 7.96 2,000 LBC2016-T100MK 10 ±20% 32 0.82 245 2.52 2,000 LBC2016-T150MK 15 ±20% 28 1.20 200 2.52 2,000 LBC2016-T220MK 22 ±20% 16 1.80 165 2.52 2,000 LBC2016-T330MK 33 ±20% 14 2.80 135 2.52 2,000 LBC2016-T470MK 47 ±20% 11 4.30 110 2.52 2,000 LBC2016-T680MK 68 ±20% 10 7.00 95 2.52 2,000 LBC2016-T101MK 100 ±20% 8 8.00 75 0.796 2,000 Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LBMF1608T1R0MK 1.0 ±20% 100 0.19 620 7.96 3,000 LBMF1608T2R2MK 2.2 ±20% 70 0.33 430 7.96 3,000 LBMF1608T4R7MK 4.7 ±20% 45 0.50 295 7.96 3,000 LBMF1608T100(_)K 10 K=10%, M=±20% 40 1.20 200 2.52 3,000 LBMF1608T220(_)K 22 K=10%, M=±20% 16 3.70 130 2.52 3,000 LBMF1608T470(_)K 47 K=10%, M=±20% 11 5.80 90 2.52 3,000 0603 Case Size Standard Type (LB MF 1608 Series) (_) - Insert Inductance Tolerance Code (K or M) (_) - Insert Inductance Tolerance Code (K or M) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity LBC2012-T1R0MK 1.0 ±20% 100 0.19 620 7.96 3,000 LBC2012-T2R2MK 2.2 ±20% 70 0.33 430 7.96 3,000 LBC2012-T4R7MK 4.7 ±20% 45 0.50 295 7.96 3,000 LBC2012-T100MK 10 ±20% 40 1.20 200 2.52 3,000 LBC2012-T220MK 22 ±20% 16 3.70 130 2.52 3,000 LBC2012-T470MK 47 ±20% 11 5.80 90 2.52 3,000 0805 Case Size High Current Type (LB C2012 Series) |