Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA607 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce SA607
Description  Low-voltage high performance mixer FM IF system
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA607 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button SA607 Datasheet HTML 11Page - NXP Semiconductors SA607 Datasheet HTML 12Page - NXP Semiconductors SA607 Datasheet HTML 13Page - NXP Semiconductors SA607 Datasheet HTML 14Page - NXP Semiconductors SA607 Datasheet HTML 15Page - NXP Semiconductors SA607 Datasheet HTML 16Page - NXP Semiconductors SA607 Datasheet HTML 17Page - NXP Semiconductors SA607 Datasheet HTML 18Page - NXP Semiconductors SA607 Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Philips Semiconductors
Product specification
SA607
Low voltage high performance FM IF system
1997 Nov 07
18
SSOP20:
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19