Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL75-7 Fiches technique(PDF) 90 Page - List of Unclassifed Manufacturers

No de pièce PL75-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 Fiches technique(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 89Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 90Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 91Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 92Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 93Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
90
Cable Group Table Notes
Trompeter provides cable connectors with configurations
designed to provide tough, durable terminations on spe-
cific cables. Cable connector part numbers reference a
specific cable group number for a specific cable type,
model, and/or manufacturer. This ensures that the con-
nector fits your cable and provides the toughest termina-
tion available in the industry.
If you know the part number and manufacturer of your
cable, you can locate the cable's assigned cable group
number using the cable group table in the following pages.
▲ If you have a Trompeter connector, you can determine
the cable group number by the last hyphenated suffix,
(usually 1 to 3 digits).
Example: PL20-1 = cable group number 1
▲ If you cannot satisfy your connector requirements with
the standard cable group number, or have a special require-
ment, contact your local Trompeter representative listed on
the back inside cover of this catalog, or you can visit our
website at www.trompeter.com to find the sales rep nearest
you. Contact the factory for more information.
Note: Cables of the same type and specification may vary
from manufacturer to manufacturer. Always verify the
cable group number for your connector type and manufac-
turer.
The symbol -
after the part numbers listed in this catalog
indicates that you should refer to the cable group table in the
proceeding pages.
1
If your cable group is not listed,
contact the factory for assistance...
For Plugs: (PL20, PL40)
Black
ACA-
-0
Wrench Crimp Connectors
(Cable Groups -1,-2, &-5 only)
For Plugs: (PL220 & PL240)
Clear
ACC-
Tool Crimp Connectors
(Cable Groups -011 & -013 only)
1
1
Minimizes the cable damage when exceeding the cable's mini-
mum bend radius. Bend relief boots are made of tough 105
°PVC.
Bend relief springs are plastic coated tempered steel wire which
are assembled as an integral part of the clamp-nut assembly.
Available for specific Trompeter connectors, patch cords, and
cable assemblies. For bend relief "BR" spring connectors, refer
to page 79. Boots may be assembled to the cable connector using
3M ScotchGripTM No.1099 plastic adhesive or equivalent. Call
the factory for availability.
Bend Relief Boots/Springs
Cable group table notes / bend relief boots/springs
Note:
All dimensions in the proceeding Cable
Group Table are in thousandths of an inch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More