Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REP-DN Fiches technique(PDF) 2 Page - Turck, Inc.

No de pièce REP-DN
Description  Repeater module for DeviceNet™ Repeater for DeviceNet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TURCK [Turck, Inc.]
Site Internet  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

REP-DN Fiches technique(HTML) 2 Page - Turck, Inc.

  REP-DN Datasheet HTML 1Page - Turck, Inc. REP-DN Datasheet HTML 2Page - Turck, Inc. REP-DN Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 3
introduced. This is typically insignificant com-
pared to the overall scan time of the network
when a few repeaters are used. If more than
four repeaters are used in series, the inter-
scan delay may need to be increased.
The repeater baudrate is set via rotary switch.
The baudrate on each side of the repeater
must be the same. Different rates would
cause the slow side to be overloaded with
messages from the fast side.



Html Pages

1 2 3