Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70XY Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAS70XY
Description  General-purpose Schottky diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70XY Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAS70XY Datasheet HTML 1Page - NXP Semiconductors BAS70XY Datasheet HTML 2Page - NXP Semiconductors BAS70XY Datasheet HTML 3Page - NXP Semiconductors BAS70XY Datasheet HTML 4Page - NXP Semiconductors BAS70XY Datasheet HTML 5Page - NXP Semiconductors BAS70XY Datasheet HTML 6Page - NXP Semiconductors BAS70XY Datasheet HTML 7Page - NXP Semiconductors BAS70XY Datasheet HTML 8Page - NXP Semiconductors BAS70XY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BAS70_1PS7XSB70_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 4 May 2006
4 of 20
Philips Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
[1]
The marking bar indicates the cathode.
3.
Ordering information
BAS70XY
1
anode (diode 1)
2
cathode (diode 2)
3
anode (diode 3),
cathode (diode 4)
4
anode (diode 4)
5
cathode (diode 3)
6
cathode (diode 1),
anode (diode 2)
Table 3.
Pinning …continued
Pin
Description
Simplified outline
Symbol
13
2
4
5
6
006aaa256
654
123
Table 4.
Ordering information
Type number
Package
Name
Description
Version
1PS76SB70
SC-76
plastic surface-mounted package; 2 leads
SOD323
1PS79SB70
SC-79
plastic surface-mounted package; 2 leads
SOD523
BAS70
-
plastic surface-mounted package; 3 leads
SOT23
BAS70H
-
plastic surface-mounted package; 2 leads
SOD123F
BAS70L
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
BAS70W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BAS70-04
-
plastic surface-mounted package; 3 leads
SOT23
BAS70-04W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BAS70-05
-
plastic surface-mounted package; 3 leads
SOT23
BAS70-05W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BAS70-06
-
plastic surface-mounted package; 3 leads
SOT23
BAS70-06W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BAS70-07
-
plastic surface-mounted package; 4 leads
SOT143B
BAS70-07S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAS70-07V
-
plastic surface-mounted package; 6 leads
SOT666
BAS70VV
-
plastic surface-mounted package; 6 leads
SOT666
BAS70XY
SC-88
plastic surface-mounted package; 6 leads
SOT363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20