| Moteur de recherche de fiches techniques de composants électroniques |
|
BAP70AM Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAP70AM Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 7 page ![]() 1. Product profile 1.1 General description Four planar PIN diode array in SOT363 small SMD plastic package. 1.2 Features I High voltage current controlled RF resistor for RF attenuators I Low diode capacitance I Very low series inductance I Low distortion 1.3 Applications I RF attenuators I (SAT) TV applications I Car radio applications 2. Pinning information 3. Ordering information BAP70AM Silicon PIN diode array Rev. 01 — 20 November 2006 Product data sheet Table 1. Discrete pinning Pin Description Simplified outline Symbol 1 anode diode 1 2 cathode diode 2 3 anode diode 3 / cathode diode 4 4 anode diode 4 5 cathode diode 3 6 anode diode 2 / cathode diode 1 13 2 4 5 6 sym118 3 2 1 4 65 Table 2. Ordering information Type number Package Name Description Version BAP70AM - plastic surface-mounted package; 6 leads SOT363 |
Numéro de pièce similaire - BAP70AM |
|
Description similaire - BAP70AM |