| Moteur de recherche de fiches techniques de composants électroniques |
|
MB95F133JS Fiches technique(PDF) 11 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F133JS Fiches technique(HTML) 11 Page - fujitsu semiconductor |
|
11 / 63 page ![]() MB95130M Series 11 ■ I/O CIRCUIT TYPE (Continued) Type Circuit Remarks A • Oscillation circuit • High-speed side Feedback resistance: approx. 1 M Ω • Low-speed side Feedback resistance: approx. 10 M Ω B • Only for input Hysteresis input only for MASK ROM product Pull-down resistor available only to MASK ROM product B’ • Hysteresis input only for MASK ROM product • Reset output D • CMOS output • Hysteresis input • Analog input • Pull-up control available • Automotive input E • CMOS output • CMOS input • Hysteresis input • Analog input • Pull-up control available • Automotive input X0 (X0A) X1 (X1A) N-ch Standby control Clock input R Mode input N-ch Reset input Reset output R N-ch P-ch P-ch Pull-up control A/D control Digital output Digital output Analog input Automotive input Hysteresis input Standby control External interrupt control R N-ch P-ch P-ch Pull-up control Digital output Digital output Hysteresis input Automotive input CMOS input A/D control Standby control External interrupt control |