Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TM1102 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TM1102
Description  PNP transistor/Schottky-diode module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TM1102 Fiches technique(HTML) 6 Page - NXP Semiconductors

  TM1102 Datasheet HTML 1Page - NXP Semiconductors TM1102 Datasheet HTML 2Page - NXP Semiconductors TM1102 Datasheet HTML 3Page - NXP Semiconductors TM1102 Datasheet HTML 4Page - NXP Semiconductors TM1102 Datasheet HTML 5Page - NXP Semiconductors TM1102 Datasheet HTML 6Page - NXP Semiconductors TM1102 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1996 May 09
6
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PZTM1102
PACKAGE OUTLINE
Dimensions in mm.
Fig.4 SOT223.
handbook, full pagewidth
6.7
6.3
0.95
0.85
2.3
0.80
0.60
4.6
3.1
2.9
3.7
3.3
7.3
6.7
A
B
0.2
A
1.80
max
16
16
o
max
10
o
max
0.10
0.01
0.32
0.24
4
1
2
3
MSA035 - 1
(4x)
0.1
B
M
M
S
seating plane
0.1 S
o



Html Pages

1 2 3 4 5 6 7