Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPX4115AS Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MPX4115AS
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4115AS Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX4115AS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4115AS Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPX4115A MPXA4115A SERIES
5
Motorola Sensor Device Data
INFORMATION FOR USING THE SMALL OUTLINE PACKAGE (CASE 482)
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
fottprint, the packages will self–align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
SCALE 2:1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005



Html Pages

1 2 3 4 5 6 7 8 9