| Moteur de recherche de fiches techniques de composants électroniques |
|
MPX2200D Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2200D Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 8 page ![]() MPX2200 Sensors 2 Freescale Semiconductor Figure 1. Temperature Compensation Pressure Sensor Schematic VOLTAGE OUTPUT VS. APPLIED DIFFERENTIAL PRESSURE The differential voltage output of the sensor is directly proportional to the differential pressure applied. The absolute sensor has a built-in reference vacuum. The output voltage will decrease as vacuum, relative to ambient, is drawn on the pressure (P1) side. The output voltage of the differential or gauge sensor increases with increasing pressure applied to the pressure (P1) side relative to the vacuum (P2) side. Similarly, output voltage increases as increasing vacuum is applied to the vacuum (P2) side relative to the pressure (P1) side. Figure 1 illustrates a block diagram of the internal circuitry on the stand-alone pressure sensor chip. VS Sensing Element +VOUT -VOUT 2 3 4 1 Thin Film Temperature Compensation and Calibration Circuitry GND Table 1. Maximum Ratings(1) 1. Exposure beyond the specified limits may cause permanent damage or degradation to the device. Rating Symbol Value Unit Maximum Pressure (P1 > P2) PMAX 800 kPa Storage Temperature TSTG -40 to +125 °C Operating Temperature TA -40 to +125 °C |