| Moteur de recherche de fiches techniques de composants électroniques |
|
IM1-22-R Fiches technique(PDF) 1 Page - Turck, Inc. |
|
|
|||||||||||||||||||||||||||||
IM1-22-R Fiches technique(HTML) 1 Page - Turck, Inc. |
|
1 / 3 page ![]() Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3 Isolating switching amplifier 2-channel IM1-22-R The IM1-22-R isolating switching amplifier is a 2-channel device. Sensors according to EN 60947-5-6 (NAMUR) or potential-free contact transmitters can be connected to the device. The output circuits feature 2 relays, each with 1 NO contact. Via six switches on the front, you can set the operating behaviour for each channel sepa- rately (work or quiescent current behavior, i.e. NO/NC) as well as switch wire-break (WB) and short-circuit monitoring (SC) on and off. The Pwr LED lights green to indicate opera- tional readiness. The 2-color LEDs 1 and 2 light yellow to indicate the switching status of the associated output. In the event of an input circuit error, the 2-color LED of the as- signed faulty input turns red, with the input cir- cuit monitoring switched on. Thereupon the output relay drops out. ■ 2 relay outputs (NO) ■ Output mode adjustable (NO/NC mode) ■ Input circuits monitored for wire-break/ short-circuit (ON/OFF switchable) ■ SIL 2 ■ Complete galvanic isolation ■ Input reverse-polarity protected ■ TR CU |
Numéro de pièce similaire - IM1-22-R |
|
Description similaire - IM1-22-R |