Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IM1-12EX-R Fiches technique(PDF) 4 Page - Turck, Inc.

No de pièce IM1-12EX-R
Description  Isolating switching amplifier 1-channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TURCK [Turck, Inc.]
Site Internet  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM1-12EX-R Fiches technique(HTML) 4 Page - Turck, Inc.

  IM1-12EX-R Datasheet HTML 1Page - Turck, Inc. IM1-12EX-R Datasheet HTML 2Page - Turck, Inc. IM1-12EX-R Datasheet HTML 3Page - Turck, Inc. IM1-12EX-R Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com4 / 4
Accessories
Type code
Ident-No.
Dimension drawing
WM1 WIDER-
STANDSMODUL
0912101
The resistor module WM1 meets the requirements for line
monitoring between a mechanical contact and a TURCK
signal processor. The input circuit of the signal processor is
designed for sensors acc. to EN60947-5-6 (NAMUR) and
equipped with a wire-break and short-circuit monitoring func-
tion.
IM-CC-3X2BU/2BK
6900475
Cage clamp terminals for IM modules (Ex-devices with 18
mm overall width); includes: 2 pcs. 3-pin blue terminals and 2
pcs. 3-pin black terminals.



Html Pages

1 2 3 4